Part Number Hot Search : 
DSS41A24 FDMA1032 TEA1506T P1524 2SB805 F10UP20S LHRF3133 GPDN3113
Product Description
Full Text Search
 

To Download SUM110N03-03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUM110N03-03
New Product
Vishay Siliconix
N-Channel 30-V (D-S) 175_C MOSFET
PRODUCT SUMMARY
V(BR)DSS (V)
30
FEATURES
rDS(on) (W) ID (A)a
110a
0.0025 @ VGS = 10 V
D D D D
D
TrenchFETr Power MOSFET 175_C Junction Temperature Low Thermal Resistance Package High Threshold Voltage
APPLICATIONS
D Automotive 12-V Boardnet
TO-263
G DRAIN connected to TAB G DS S Ordering Information: SUM110N03-03 N-Channel MOSFET
Top View
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 175_C) Pulsed Drain Current Avalanche Current Repetitive Avalanche Energyb Maximum Power Dissipationb Operating Junction and Storage Temperature Range L = 0.1 mH TC = 25_C TA = 25_C d TC = 25_C TC = 100_C
Symbol
VDS VGS ID IDM IAR EAR PD TJ, Tstg
Limit
30 "20 110a 110a 350 70 245 242c 3.75 - 55 to 175
Unit
V
A
mJ W _C
THERMAL RESISTANCE RATINGS
Parameter
Junction-to-Ambient (PCB Junction-to-Case Notes a. Package limited. b. Duty cycle v 1%. c. See SOA curve for voltage derating. d. When mounted on 1" square PCB (FR-4 material). Mount)d
Symbol
RthJA RthJC
Limit
40 0.62
Unit
_C/W
Document Number: 72260 S-31257--Rev. A, 16-Jun-03
www.vishay.com
1
SUM110N03-03
Vishay Siliconix
New Product
SPECIFICATIONS (TJ =25_C UNLESS OTHERWISE NOTED)
Parameter Static
Drain-Source Breakdown Voltage Gate-Threshold Voltage Gate-Body Leakage V(BR)DSS VGS(th) IGSS VDS = 0 V, ID = 250 mA VDS = VGS, ID = 250 mA VDS = 0 V, VGS = "20 V VDS = 24 V, VGS = 0 V Zero Gate Voltage Drain Current g IDSS VDS = 24 V, VGS = 0 V, TJ = 125_C VDS = 24 V, VGS = 0 V, TJ = 175_C On-State Drain Currenta ID(on) VDS w 5 V, VGS = 10 V VGS = 10 V, ID = 30 A Drain-Source On-State Resistancea rDS(on) VGS = 10 V, ID = 30 A, TJ = 125_C VGS = 10 V, ID = 30 A, TJ = 175_C Forward Transconductancea gfs VDS = 15 V, ID = 30 A 15 120 0.002 0.0025 0.0037 0.0044 S W 30 V 2.5 4.5 "100 1 50 250 A m mA nA
Symbol
Test Condition
Min
Typ
Max
Unit
Dynamicb
Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Chargeb Gate-Source Chargeb Gate-Drain Chargeb Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf VDD = 15 V, RL = 0.18 W ID ^ 110 A, VGEN = 10 V, RG = 2.5 W VDS = 15 V, VGS = 10 V, ID = 110 A , , VGS = 0 V, VDS = 25 V, f = 1 MHz 12500 1650 970 170 57 30 20 125 70 25 35 190 105 40 ns 250 nC pF
Turn-On Delay Timeb Rise Timeb Turn-Off Delay Timeb Fall Timeb
Source-Drain Diode Ratings and Characteristics (TC = 25_C)c
Continuous Current Pulsed Current Forward Voltagea Reverse Recovery Time Peak Reverse Recovery Current Reverse Recovery Charge IS ISM VSD trr IRM Qrr IF = 50 A, di/dt = 100 A/ms m IF = 50 A, VGS = 0 V 0.9 70 3 0.1 110 350 1.5 140 4.5 0.31 A V ns A mC
Notes a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. Independent of operating temperature. c. Guaranteed by design, not subject to production testing.
www.vishay.com
2
Document Number: 72260 S-31257--Rev. A, 16-Jun-03
SUM110N03-03
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
250 VGS = 10 thru 6 V 200 I D - Drain Current (A) I D - Drain Current (A) 200 250
Vishay Siliconix
Transfer Characteristics
150 5V 100
150
100 TC = 125_C 50 25_C
50 3V 0 0 1 2 3 4 5 4V
- 55_C 0 0 1 2 3 4 5 6
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
Transconductance
280 240 TC = - 55_C g fs - Transconductance (S) 200 125_C 160 120 80 40 0 0 20 40 60 80 100 120 0.000 0 0.004
On-Resistance vs. Drain Current
r DS(on) - On-Resistance ( W )
25_C
0.003
0.002 VGS = 10 V 0.001
20
40
60
80
100
ID - Drain Current (A)
ID - Drain Current (A)
Capacitance
16000 Ciss C - Capacitance (pF) 12000 20
Gate Charge
V GS - Gate-to-Source Voltage (V)
16
VDS = 15 V ID = 110 A
12
8000
8
4000 Coss Crss 0 0 5 10 15 20 25 30
4
0 0 70 140 210 280 350
VDS - Drain-to-Source Voltage (V) Document Number: 72260 S-31257--Rev. A, 16-Jun-03
Qg - Total Gate Charge (nC) www.vishay.com
3
SUM110N03-03
Vishay Siliconix
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
On-Resistance vs. Junction Temperature
1.8 VGS = 10 V ID = 30 A r DS(on) - On-Resistance (W) (Normalized) I S - Source Current (A) 1.5 100
Source-Drain Diode Forward Voltage
TJ = 150_C 10 TJ = 25_C
1.2
0.9
0.6 - 50
- 25
0
25
50
75
100
125
150
175
1 0
0.3
0.6
0.9
1.2
TJ - Junction Temperature (_C)
VSD - Source-to-Drain Voltage (V)
1000
Avalanche Current vs. Time
40
Drain Source Breakdown vs. Junction Temperature
38 100 V (BR)DSS (V) I Dav (a) 36
ID = 1 mA
IAV (A) @ TA = 25_C 10
34 1 IAV (A) @ TA = 150_C 32
0.1 0.00001 0.0001 0.001 0.01 0.1 1
30 - 50
- 25
0
25
50
75
100
125
150
175
tin (Sec)
TJ - Junction Temperature (_C)
www.vishay.com
4
Document Number: 72260 S-31257--Rev. A, 16-Jun-03
SUM110N03-03
New Product
THERMAL RATINGS
Maximum Avalanche and Drain Current vs. Case Temperature
120 1000 10 ms 100 ms
Vishay Siliconix
Safe Operating Area
100 I D - Drain Current (A) I D - Drain Current (A)
Limited by rDS(on) 100
80
1 ms 10 10 ms 100 ms, dc
60
40
1 20
TA = 25_C Single Pulse
0 0 25 50 75 100 125 150 175
0.1 0.1 1 10 100
TC - Ambient Temperature (_C)
VDS - Drain-to-Source Voltage (V)
Normalized Thermal Transient Impedance, Junction-to-Case
2 1 Normalized Effective Transient Thermal Impedance
Duty Cycle = 0.5
0.2 0.1 0.1 0.05 0.02 Single Pulse
0.01 10 -4 10 -3 10 -2 Square Wave Pulse Duration (sec) 10 -1 1
Document Number: 72260 S-31257--Rev. A, 16-Jun-03
www.vishay.com
5


▲Up To Search▲   

 
Price & Availability of SUM110N03-03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X